Part Number Hot Search : 
MS2208L4 C2908 LV5808 BPX61 120B2 F1004 M27C256 EB13C5
Product Description
Full Text Search
 

To Download HYB3116165BSTL-70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1M x 16-Bit EDO- Dynamic RAM (1k & 4k -Refresh)
HYB3116165BSJ/BST(L)-50/-60/-70 HYB3118165BSJ/BST(L)-50/-60/-70
Advanced Information
* * *
1 048 576 words by 16-bit organization 0 to 70 C operating temperature Performance: -50 tRAC tCAC tAA tRC tHPC RAS access time CAS access time Access time from address Read/Write cycle time Hyper page mode (EDO) cycle time 50 13 25 84 20 -60 60 15 30 104 25 -70 70 20 35 124 30 ns ns ns ns ns
* *
* * * * * * * *
Single + 3.3 V ( 0.3 V) supply Low power dissipation max. 720 active mW ( HYB3118165BSJ/BST-50) max. 648 active mW ( HYB3118165BSJ/BST-60) max. 576 active mW ( HYB3118165BSJ/BST-70) max. 360 active mW ( HYB3116165BSJ/BST-50) max. 324 active mW ( HYB3116165BSJ/BST-60) max. 288 active mW ( HYB3116165BSJ/BST-70) 7.2 mW standby (LV-TTL) 3.6 mW standby (LV-CMOS) 720 W standby for L-version Output unlatched at cycle end allows two-dimensional chip selection Read, write, read-modify-write, CAS-before-RAS refresh, RAS-only refresh, hidden refresh, self refresh Hyper page mode (EDO) capability 2 CAS / 1 WE All inputs, outputs and clocks fully LV-TTL-compatible 1024 refresh cycles / 16 ms for HYB 3118165BSJ 4096 refresh cycles / 64 ms for HYB 3116165BSJ Plastic Package: P-SOJ-42-1 400 mil P-TSOPII-50/44-1 400mil
Semiconductor Group
1
1.96
1M x 16-Bit EDO- Dynamic RAM (1k & 4k -Refresh)
HYB3116165BSJ/BST(L)-50/-60/-70 HYB3118165BSJ/BST(L)-50/-60/-70
Advanced Information
* * *
1 048 576 words by 16-bit organization 0 to 70 C operating temperature Performance: -50 tRAC tCAC tAA tRC tHPC RAS access time CAS access time Access time from address Read/Write cycle time Hyper page mode (EDO) cycle time 50 13 25 84 20 -60 60 15 30 104 25 -70 70 20 35 124 30 ns ns ns ns ns
* *
* * * * * * * *
Single + 3.3 V ( 0.3 V) supply Low power dissipation max. 720 active mW ( HYB3118165BSJ/BST-50) max. 648 active mW ( HYB3118165BSJ/BST-60) max. 576 active mW ( HYB3118165BSJ/BST-70) max. 360 active mW ( HYB3116165BSJ/BST-50) max. 324 active mW ( HYB3116165BSJ/BST-60) max. 288 active mW ( HYB3116165BSJ/BST-70) 7.2 mW standby (LV-TTL) 3.6 mW standby (LV-CMOS) 720 W standby for L-version Output unlatched at cycle end allows two-dimensional chip selection Read, write, read-modify-write, CAS-before-RAS refresh, RAS-only refresh, hidden refresh, self refresh Hyper page mode (EDO) capability 2 CAS / 1 WE All inputs, outputs and clocks fully LV-TTL-compatible 1024 refresh cycles / 16 ms for HYB 3118165BSJ 4096 refresh cycles / 64 ms for HYB 3116165BSJ Plastic Package: P-SOJ-42-1 400 mil P-TSOPII-50/44-1 400mil
Semiconductor Group
1
1.96
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
The HYB 3116(8)165BSJ/BST is a 16 MBit dynamic RAM organized as 1 048 576 words by 16 bits. The HYB 3116(8)165BSJ/BST utilizes a submicron CMOS silicon gate process technology, as well as advanced circuit techniques to provide wide operating margins, both internally and for the system user. Multiplexed address inputs permit the HYB 3116(8)165BSJ/BST to be packaged in standard SOJ-42 and TSOPII-50/44 plastic package with 400mil width. These packages provide high system bit densities and are compatible with commonly used automatic testing and insertion equipment. System-oriented features include single + 3.3 V ( 0.3 V) power supply, direct interfacing with highperformance logic device families. The HYB3116166BSTL parts have a very low power sleep mode" supported by Self Refresh. Ordering Information Type
HYB 3116165BSJ-50 HYB 3116165BSJ-60 HYB 3116165BSJ-70 HYB 3118165BSJ-50 HYB 3118165BSJ-60 HYB 3118165BSJ-70 HYB 3116165BST-50 HYB 3116165BST-60 HYB 3116165BST-70 HYB 3118165BST-50 HYB 3118165BST-60 HYB 3118165BST-70 Q67100-Q1167 Q67100-Q1168 Q67100-Q1188 Q67100-Q1190 Q67100-Q1192
Ordering Code
on request on request on request Q67100-Q1159 Q67100-Q1160
Package
P-SOJ-42 400 mil P-SOJ-42 400 mil P-SOJ-42 400 mil P-SOJ-42 400 mil P-SOJ-42 400 mil P-SOJ-42 400 mil P-TSOPII-50/44 400 mil P-TSOPII-50/44 400 mil P-TSOPII-50/44 400 mil P-TSOPII-50/44 400 mil P-TSOPII-50/44 400 mil P-TSOPII-50/44 400 mil
Descriptions
DRAM (access time 50 ns) DRAM (access time 60 ns) DRAM (access time 70 ns) DRAM (access time 50 ns) DRAM (access time 60 ns) DRAM (access time 70 ns) DRAM (access time 50 ns) DRAM (access time 60 ns) DRAM (access time 70 ns) DRAM (access time 50 ns) DRAM (access time 60 ns) DRAM (access time 70 ns)
Pin Names
A0 to A9 A0 to A9 A0 to A11 A0 to A7 RAS OE I/O1-I/O16 UCAS LCAS WE VCC VSS
N .C .
Row Address Inputs for 1k-refresh version HYB3118165BSJ/BST Column Addess Inputs for 1k-refresh version HYB3118165BSJ/BST Row Address Inputs for 4k-refresh version HYB3116165BSJ/BST Column Address Inputs for 4k-refresh version HYB3116165BSJ/BST Row Address Strobe Output Enable Data Input/Output Upper Column Address Strobe Lower Column Address Strobe Read/Write Input
P o w e r S u p p ly (+ 3 .3 V ) G ro u n d (0 V ) n o t c o n n e c te d
Semiconductor Group
2
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
The HYB 3116(8)165BSJ/BST is a 16 MBit dynamic RAM organized as 1 048 576 words by 16 bits. The HYB 3116(8)165BSJ/BST utilizes a submicron CMOS silicon gate process technology, as well as advanced circuit techniques to provide wide operating margins, both internally and for the system user. Multiplexed address inputs permit the HYB 3116(8)165BSJ/BST to be packaged in standard SOJ-42 and TSOPII-50/44 plastic package with 400mil width. These packages provide high system bit densities and are compatible with commonly used automatic testing and insertion equipment. System-oriented features include single + 3.3 V ( 0.3 V) power supply, direct interfacing with highperformance logic device families. The HYB3116166BSTL parts have a very low power sleep mode" supported by Self Refresh. Ordering Information Type
HYB 3116165BSJ-50 HYB 3116165BSJ-60 HYB 3116165BSJ-70 HYB 3118165BSJ-50 HYB 3118165BSJ-60 HYB 3118165BSJ-70 HYB 3116165BST-50 HYB 3116165BST-60 HYB 3116165BST-70 HYB 3118165BST-50 HYB 3118165BST-60 HYB 3118165BST-70 Q67100-Q1167 Q67100-Q1168 Q67100-Q1188 Q67100-Q1190 Q67100-Q1192
Ordering Code
on request on request on request Q67100-Q1159 Q67100-Q1160
Package
P-SOJ-42 400 mil P-SOJ-42 400 mil P-SOJ-42 400 mil P-SOJ-42 400 mil P-SOJ-42 400 mil P-SOJ-42 400 mil P-TSOPII-50/44 400 mil P-TSOPII-50/44 400 mil P-TSOPII-50/44 400 mil P-TSOPII-50/44 400 mil P-TSOPII-50/44 400 mil P-TSOPII-50/44 400 mil
Descriptions
DRAM (access time 50 ns) DRAM (access time 60 ns) DRAM (access time 70 ns) DRAM (access time 50 ns) DRAM (access time 60 ns) DRAM (access time 70 ns) DRAM (access time 50 ns) DRAM (access time 60 ns) DRAM (access time 70 ns) DRAM (access time 50 ns) DRAM (access time 60 ns) DRAM (access time 70 ns)
Pin Names
A0 to A9 A0 to A9 A0 to A11 A0 to A7 RAS OE I/O1-I/O16 UCAS LCAS WE VCC VSS
N .C .
Row Address Inputs for 1k-refresh version HYB3118165BSJ/BST Column Addess Inputs for 1k-refresh version HYB3118165BSJ/BST Row Address Inputs for 4k-refresh version HYB3116165BSJ/BST Column Address Inputs for 4k-refresh version HYB3116165BSJ/BST Row Address Strobe Output Enable Data Input/Output Upper Column Address Strobe Lower Column Address Strobe Read/Write Input
P o w e r S u p p ly (+ 3 .3 V ) G ro u n d (0 V ) n o t c o n n e c te d
Semiconductor Group
2
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
P-SOJ-42 (400 mil) Vcc I/O1 I/O2 I/O3 I/O4 Vcc I/O5 I/O6 I/O7 I/O8 N.C. N.C. WE RAS A11/NC A10/NC A0 A1 A2 A3 Vcc 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 Vss I/O1 I/O16 I/O2 I/O3 I/O15 I/O4 I/O14 Vcc I/O13 I/O5 Vss I/O6 I/O12 I/O7 I/O11 I/O8 I/O10 N.C. I/O9 N.C. LCAS N.C. UCAS N.C. OE WE A9 RAS A11/N.C. A8 A10.N.C. A7 A0 A6 A1 A5 A2 A4 A3 Vss Vcc
Vcc
P-TSOPII-50/44 (400mil)
1 2 3 4 5 6 7 8 9 10 11 50 49 48 47 46 45 44 43 42 41 40 Vss I/O16 I/O15 I/O14 I/O13 Vss I/O12 I/O11 I/O10 I/O9 N.C.
15 16 17 18 19 20 21 22 23 24 25
36 35 34 33 32 31 30 29 28 27 26
N.C. LCAS UCAS OE A9 A8 A7 A6 A5 A4 Vss
*) A11 and A10 are not connected for HYB3118165BSJ/BST (1k-refresh version)
Truth Table RAS H L L L L L L L L LCAS H H L H L L H L L UCAS H H H L L H L L L WE H H H H H L L L H OE H H L L L H H H H I/O1-I/O8 High-Z High-Z Dout High-Z Dout Din Don't care Din High-Z I/O9-I/O16 High-Z High-Z High-Z Dout Dout Don't care Din Din High-Z Operation Standby Refresh Lower byte read Upper byte read Word read Lower byte write Upper byte write Word write NOP
Semiconductor Group
3
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
P-SOJ-42 (400 mil) Vcc I/O1 I/O2 I/O3 I/O4 Vcc I/O5 I/O6 I/O7 I/O8 N.C. N.C. WE RAS A11/NC A10/NC A0 A1 A2 A3 Vcc 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 Vss I/O1 I/O16 I/O2 I/O3 I/O15 I/O4 I/O14 Vcc I/O13 I/O5 Vss I/O6 I/O12 I/O7 I/O11 I/O8 I/O10 N.C. I/O9 N.C. LCAS N.C. UCAS N.C. OE WE A9 RAS A11/N.C. A8 A10.N.C. A7 A0 A6 A1 A5 A2 A4 A3 Vss Vcc
Vcc
P-TSOPII-50/44 (400mil)
1 2 3 4 5 6 7 8 9 10 11 50 49 48 47 46 45 44 43 42 41 40 Vss I/O16 I/O15 I/O14 I/O13 Vss I/O12 I/O11 I/O10 I/O9 N.C.
15 16 17 18 19 20 21 22 23 24 25
36 35 34 33 32 31 30 29 28 27 26
N.C. LCAS UCAS OE A9 A8 A7 A6 A5 A4 Vss
*) A11 and A10 are not connected for HYB3118165BSJ/BST (1k-refresh version)
Truth Table RAS H L L L L L L L L LCAS H H L H L L H L L UCAS H H H L L H L L L WE H H H H H L L L H OE H H L L L H H H H I/O1-I/O8 High-Z High-Z Dout High-Z Dout Din Don't care Din High-Z I/O9-I/O16 High-Z High-Z High-Z Dout Dout Don't care Din Din High-Z Operation Standby Refresh Lower byte read Upper byte read Word read Lower byte write Upper byte write Word write NOP
Semiconductor Group
3
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
I/O1 I/O2
I/O16
WE UCAS LCAS
. .
&
Data in Buffer
No. 2 Clock Generator 16
Data out Buffer
16
OE
8
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11
12
Column Address Buffer(8)
8
Column Decoder
Refresh Controller
Sense Amplifier I/O Gating
16
Refresh Counter (12) 12 Row
256 x16
Address Buffers(12)
12
Decoder 4096
Row
Memory Array 4096x256x16
RAS
No. 1 Clock
Generator
Block Diagram for HYB 3116165BSJ
Semiconductor Group
4
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
I/O1 I/O2
I/O16
WE UCAS LCAS
. .
&
Data in Buffer
No. 2 Clock Generator 16
Data out Buffer
16
OE
8
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11
12
Column Address Buffer(8)
8
Column Decoder
Refresh Controller
Sense Amplifier I/O Gating
16
Refresh Counter (12) 12 Row
256 x16
Address Buffers(12)
12
Decoder 4096
Row
Memory Array 4096x256x16
RAS
No. 1 Clock
Generator
Block Diagram for HYB 3116165BSJ
Semiconductor Group
4
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
I/O1 I/O2
I/O16
WE UCAS LCAS
. .
&
Data in Buffer
No. 2 Clock Generator 16
Data out Buffer
16
OE
10
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9
Column Address Buffer(10)
10
Column Decoder
Refresh Controller
Sense Amplifier I/O Gating
16
Refresh Counter (10) 10 Row 10
1024 x16
Address Buffers(10)
10
Decoder 1024
Row
Memory Array 1024x1024x16
RAS
No. 1 Clock
Generator
Block Diagram for HYB 3118165BSJ
Semiconductor Group
5
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
I/O1 I/O2
I/O16
WE UCAS LCAS
. .
&
Data in Buffer
No. 2 Clock Generator 16
Data out Buffer
16
OE
10
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9
Column Address Buffer(10)
10
Column Decoder
Refresh Controller
Sense Amplifier I/O Gating
16
Refresh Counter (10) 10 Row 10
1024 x16
Address Buffers(10)
10
Decoder 1024
Row
Memory Array 1024x1024x16
RAS
No. 1 Clock
Generator
Block Diagram for HYB 3118165BSJ
Semiconductor Group
5
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
Absolute Maximum Ratings Operating temperature range ............................................................................................0 to 70 C Storage temperature range.........................................................................................- 55 to 150 C Soldering time .............................................................................................................................10 s Input/output voltage ................................................................................-0.5 to min (Vcc+0.5,4.6) V Power supply voltage..................................................................................................-0.5 V to 4.6 V Power dissipation..................................................................................................................... 1.0 W Data out current (short circuit) ................................................................................................ 50 mA Note: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage of the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Characteristics (values in brackets for HYB3116165BSJ)
TA = 0 to 70 C, VSS = 0 V, VCC = 3.3 V 0.3 V, tT = 2 ns
Parameter Input high voltage Input low voltage TTL Output high voltage (IOUT = - 2 mA) TTL Output low voltage (IOUT = 2 mA) CMOS Output high voltage (IOUT = - 100 A) CMOS Output low voltage (IOUT = 100 A) Input leakage current,any input (0 V VIH Vcc + 0.3V, all other pins = 0 V) Output leakage current (DO is disabled, 0 V VOUT Vcc + 0.3V) Average VCC supply current: -50 ns version -60 ns version -70 ns version (RAS, CAS, address cycling, tRC = tRC min.) Symbol Limit Values min. max. Vcc+0.5 0.8 - 0.4 - 0.2 10 10 2.0 - 0.5 2.4 - Vcc-0.2 - - 10 - 10 Unit Test Condition V V V V V V A A 1) 1) 1) 1) 1) 1) 1) 1)
VIH VIL VOH VOL VOH VOL II(L) IO(L) ICC1
- - -
200(100) mA 180 (90) mA 160 (80) mA
2) 3) 4) 2) 3) 4) 2) 3) 4)
Standby VCC supply current (RAS = CAS = VIH) ICC2
Semiconductor Group 6
-
2
mA
-
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
Absolute Maximum Ratings Operating temperature range ............................................................................................0 to 70 C Storage temperature range.........................................................................................- 55 to 150 C Soldering time .............................................................................................................................10 s Input/output voltage ................................................................................-0.5 to min (Vcc+0.5,4.6) V Power supply voltage..................................................................................................-0.5 V to 4.6 V Power dissipation..................................................................................................................... 1.0 W Data out current (short circuit) ................................................................................................ 50 mA Note: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage of the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Characteristics (values in brackets for HYB3116165BSJ)
TA = 0 to 70 C, VSS = 0 V, VCC = 3.3 V 0.3 V, tT = 2 ns
Parameter Input high voltage Input low voltage TTL Output high voltage (IOUT = - 2 mA) TTL Output low voltage (IOUT = 2 mA) CMOS Output high voltage (IOUT = - 100 A) CMOS Output low voltage (IOUT = 100 A) Input leakage current,any input (0 V VIH Vcc + 0.3V, all other pins = 0 V) Output leakage current (DO is disabled, 0 V VOUT Vcc + 0.3V) Average VCC supply current: -50 ns version -60 ns version -70 ns version (RAS, CAS, address cycling, tRC = tRC min.) Symbol Limit Values min. max. Vcc+0.5 0.8 - 0.4 - 0.2 10 10 2.0 - 0.5 2.4 - Vcc-0.2 - - 10 - 10 Unit Test Condition V V V V V V A A 1) 1) 1) 1) 1) 1) 1) 1)
VIH VIL VOH VOL VOH VOL II(L) IO(L) ICC1
- - -
200(100) mA 180 (90) mA 160 (80) mA
2) 3) 4) 2) 3) 4) 2) 3) 4)
Standby VCC supply current (RAS = CAS = VIH) ICC2
Semiconductor Group 6
-
2
mA
-
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
DC Characteristics (values in brackets for HYB3116165BSJ) (cont'd) TA = 0 to 70 C, VSS = 0 V, VCC = 3.3 V 0.3 V, tT = 2 ns Parameter Average VCC supply current, during RAS-only refresh cycles: -50 ns version -60 ns version -70 ns version (RAS cycling: CAS = VIH, tRC = tRC min.) Symbol Limit Values min. max. Unit Test Condition
2) 4) 2) 4) 2) 4)
ICC3
- - - 200(100) mA 180 (90) mA 160 (80) mA
Average VCC supply current, during hyper page ICC4 mode EDO): -50 ns version -60 ns version -70 ns version
(RAS = VIL, CAS, address cycling, tPC = tPC min.) Standby VCC supply current (RAS = CAS = VCC - 0.2 V) Average VCC supply current, during CASbefore-RAS refresh mode: -50 ns version -60 ns version -70 ns version (RAS, CAS cycling, tRC = tRC min.)
- - -
90 (70) 75 (55) 60 (45)
mA mA mA
2) 3) 4) 2) 3) 4) 2) 3) 4)
ICC5 ICC6
-
1 200
mA A
1) L-version
2) 4) 2) 4) 2) 4)
- - -
200(100) mA 180 (90) mA 160 (80) mA
Average Self Refresh Current
(CBR cycle with tRAS>TRASSmin., CAS held low, WE=Vcc-0.2V, Address and Din=Vcc--0.2V or 0.2V)
ICC7
_
1 250
mA A
L-version
Capacitance TA = 0 to 70 C,VCC = 3.3 V 0.3 V, f = 1 MHz Parameter Input capacitance (A0 to A11) Input capacitance (RAS, UCAS, LCAS, WE, OE) I/O capacitance (I/O1-I/O16) Symbol Limit Values min. max. 5 7 7 pF pF pF - - - Unit
CI1 CI2 CIO
Semiconductor Group
7
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
DC Characteristics (values in brackets for HYB3116165BSJ) (cont'd) TA = 0 to 70 C, VSS = 0 V, VCC = 3.3 V 0.3 V, tT = 2 ns Parameter Average VCC supply current, during RAS-only refresh cycles: -50 ns version -60 ns version -70 ns version (RAS cycling: CAS = VIH, tRC = tRC min.) Symbol Limit Values min. max. Unit Test Condition
2) 4) 2) 4) 2) 4)
ICC3
- - - 200(100) mA 180 (90) mA 160 (80) mA
Average VCC supply current, during hyper page ICC4 mode EDO): -50 ns version -60 ns version -70 ns version
(RAS = VIL, CAS, address cycling, tPC = tPC min.) Standby VCC supply current (RAS = CAS = VCC - 0.2 V) Average VCC supply current, during CASbefore-RAS refresh mode: -50 ns version -60 ns version -70 ns version (RAS, CAS cycling, tRC = tRC min.)
- - -
90 (70) 75 (55) 60 (45)
mA mA mA
2) 3) 4) 2) 3) 4) 2) 3) 4)
ICC5 ICC6
-
1 200
mA A
1) L-version
2) 4) 2) 4) 2) 4)
- - -
200(100) mA 180 (90) mA 160 (80) mA
Average Self Refresh Current
(CBR cycle with tRAS>TRASSmin., CAS held low, WE=Vcc-0.2V, Address and Din=Vcc--0.2V or 0.2V)
ICC7
_
1 250
mA A
L-version
Capacitance TA = 0 to 70 C,VCC = 3.3 V 0.3 V, f = 1 MHz Parameter Input capacitance (A0 to A11) Input capacitance (RAS, UCAS, LCAS, WE, OE) I/O capacitance (I/O1-I/O16) Symbol Limit Values min. max. 5 7 7 pF pF pF - - - Unit
CI1 CI2 CIO
Semiconductor Group
7
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
AC Characteristics 5)6) TA = 0 to 70 C,VCC = 3.3 V 0.3 V, tT = 2 ns Parameter
Symbol
16E
Limit Values -50 min. -60 -70 max. - - 10k 10k - - - - 53 35 - - - 50 64 16 256 max. min. - - 10k 10k - - - - 37 25 104 40 60 10 0 10 0 10 14 12 15 50 - 50 64 16 256 5 1 - - - max. min. - - 10k 10k - - - - 45 30 - - - 50 64 16 256 124 50 70 12 0 10 0 12 14 12 17 60 5 1 - - -
Unit Note
common parameters
Random read or write cycle time RAS precharge time RAS pulse width CAS pulse width Row address setup time Row address hold time Column address setup time Column address hold time RAS to CAS delay time RAS to column address delay RAS hold time CAS hold time CAS to RAS precharge time Transition time (rise and fall) Refresh period for HYB3116165 Refresh period for HYB3118165 Refresh period for L-versions tRC tRP tRAS tCAS tASR tRAH tASC tCAH tRCD tRAD tRSH tCSH tCRP tT tREF tREF tREF 84 30 50 8 0 8 0 8 12 10 13 40 5 1 - - - ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ms 7
Read Cycle
Access time from RAS Access time from CAS OE access time Read command setup time Read command hold time Read command hold time referenced to RAS CAS to output in low-Z tRAC tCAC tOEA tRCS tRCH tRRH tCLZ - - - - 25 0 0 0 0 50 13 25 13 - - - - - - - - - 30 0 0 0 0 60 15 30 15 - - - - - - - - - 35 0 0 0 0 70 17 35 17 - - - - - ns ns ns ns ns ns ns ns ns 11 11 8 8, 9 8, 9 8,10
Access time from column address tAA Column address to RAS lead time tRAL
Semiconductor Group
8
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
AC Characteristics 5)6) TA = 0 to 70 C,VCC = 3.3 V 0.3 V, tT = 2 ns Parameter
Symbol
16E
Limit Values -50 min. -60 -70 max. - - 10k 10k - - - - 53 35 - - - 50 64 16 256 max. min. - - 10k 10k - - - - 37 25 104 40 60 10 0 10 0 10 14 12 15 50 - 50 64 16 256 5 1 - - - max. min. - - 10k 10k - - - - 45 30 - - - 50 64 16 256 124 50 70 12 0 10 0 12 14 12 17 60 5 1 - - -
Unit Note
common parameters
Random read or write cycle time RAS precharge time RAS pulse width CAS pulse width Row address setup time Row address hold time Column address setup time Column address hold time RAS to CAS delay time RAS to column address delay RAS hold time CAS hold time CAS to RAS precharge time Transition time (rise and fall) Refresh period for HYB3116165 Refresh period for HYB3118165 Refresh period for L-versions tRC tRP tRAS tCAS tASR tRAH tASC tCAH tRCD tRAD tRSH tCSH tCRP tT tREF tREF tREF 84 30 50 8 0 8 0 8 12 10 13 40 5 1 - - - ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ms 7
Read Cycle
Access time from RAS Access time from CAS OE access time Read command setup time Read command hold time Read command hold time referenced to RAS CAS to output in low-Z tRAC tCAC tOEA tRCS tRCH tRRH tCLZ - - - - 25 0 0 0 0 50 13 25 13 - - - - - - - - - 30 0 0 0 0 60 15 30 15 - - - - - - - - - 35 0 0 0 0 70 17 35 17 - - - - - ns ns ns ns ns ns ns ns ns 11 11 8 8, 9 8, 9 8,10
Access time from column address tAA Column address to RAS lead time tRAL
Semiconductor Group
8
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
AC Characteristics (cont'd) 5)6) TA = 0 to 70 C,VCC = 3.3 V 0.3 V, tT = 2 ns Parameter
Symbol
16E
Limit Values -50 min. -60 0 0 0 0 13 13 15 15 - - - - 0 0 0 0 15 15 -70 max. 17 17 - - - - max. min. 13 13 - - - - max. min.
Unit Note
Output buffer turn-off delay Output turn-off delay from OE Data to CAS low delay Data to OE low delay CAS high to data delay OE high to data delay
tOFF tOEZ tDZC tDZO tCDD tODD
0 0 0 0 10 10
ns ns ns ns ns ns
12 12 13 13 14 14
Write Cycle
Write command hold time Write command pulse width Write command setup time tWCH tWP tWCS 8 8 0 13 13 0 8 - - - - - - - 10 10 0 15 15 0 10 - - - - - - - 10 10 0 17 17 0 12 - - - - - - - ns ns ns ns ns ns ns 16 16 15
Write command to RAS lead time tRWL Write command to CAS lead time tCWL Data setup time Data hold time tDS tDH
Read-modify-Write Cycle
Read-write cycle time RAS to WE delay time CAS to WE delay time OE command hold time tRWC tRWD tCWD tOEH 113 64 27 39 10 - - - - - 138 77 32 47 13 - - - - - 162 89 36 54 15 - - - - - ns ns ns ns ns 15 15 15
Column address to WE delay time tAWD
Hyper Page Mode (EDO) Cycle
Hyper page mode (EDO) cycle time CAS precharge time Access time from CAS precharge Output data hold time RAS pulse width in EDO mode tHPC tCP tCPA tCOH tRAS 20 8 - 5 50 - - 27 - 25 10 - 5 - - 32 - 30 10 - 5 - - 37 - ns ns ns ns 7
200k 60
200k 70
200k ns
Semiconductor Group
9
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
AC Characteristics (cont'd) 5)6) TA = 0 to 70 C,VCC = 3.3 V 0.3 V, tT = 2 ns Parameter
Symbol
16E
Limit Values -50 min. -60 0 0 0 0 13 13 15 15 - - - - 0 0 0 0 15 15 -70 max. 17 17 - - - - max. min. 13 13 - - - - max. min.
Unit Note
Output buffer turn-off delay Output turn-off delay from OE Data to CAS low delay Data to OE low delay CAS high to data delay OE high to data delay
tOFF tOEZ tDZC tDZO tCDD tODD
0 0 0 0 10 10
ns ns ns ns ns ns
12 12 13 13 14 14
Write Cycle
Write command hold time Write command pulse width Write command setup time tWCH tWP tWCS 8 8 0 13 13 0 8 - - - - - - - 10 10 0 15 15 0 10 - - - - - - - 10 10 0 17 17 0 12 - - - - - - - ns ns ns ns ns ns ns 16 16 15
Write command to RAS lead time tRWL Write command to CAS lead time tCWL Data setup time Data hold time tDS tDH
Read-modify-Write Cycle
Read-write cycle time RAS to WE delay time CAS to WE delay time OE command hold time tRWC tRWD tCWD tOEH 113 64 27 39 10 - - - - - 138 77 32 47 13 - - - - - 162 89 36 54 15 - - - - - ns ns ns ns ns 15 15 15
Column address to WE delay time tAWD
Hyper Page Mode (EDO) Cycle
Hyper page mode (EDO) cycle time CAS precharge time Access time from CAS precharge Output data hold time RAS pulse width in EDO mode tHPC tCP tCPA tCOH tRAS 20 8 - 5 50 - - 27 - 25 10 - 5 - - 32 - 30 10 - 5 - - 37 - ns ns ns ns 7
200k 60
200k 70
200k ns
Semiconductor Group
9
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
AC Characteristics (cont'd) 5)6) TA = 0 to 70 C,VCC = 3.3 V 0.3 V, tT = 2 ns Parameter
Symbol
16E
Limit Values -50 min. -60 32 - 37 -70 max. - max. min. - max. min.
Unit Note
CAS precharge to RAS Delay
tRHPC
27
ns
Hyper Page Mode (EDO) Read-modify-Write Cycle
Hyper page mode (EDO) readwrite cycle time CAS precharge to WE tPRWC tCPWD 58 41 - - 68 49 - - 77 56 - - ns ns
CAS-before-RAS Refresh Cycle
CAS setup time CAS hold time RAS to CAS precharge time Write to RAS precharge time tCSR tCHR tRPC tWRP 10 10 5 10 10 - - - - - 10 10 5 10 10 - - - - - 10 10 5 10 10 - - - - - ns ns ns ns ns
Write hold time referenced to RAS tWRH
CAS-before-RAS Counter Test Cycle
CAS precharge time tCPT 35 - 40 - 40 - ns
Self Refresh Cycle
RAS pulse width RAS precharge CAS hold time tRASS tRPS tCHS 100k - 95 -50 - - 100k - 110 -50 - - 100k - 130 -50 - - ns ns ns 17 17 17
Semiconductor Group
10
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
AC Characteristics (cont'd) 5)6) TA = 0 to 70 C,VCC = 3.3 V 0.3 V, tT = 2 ns Parameter
Symbol
16E
Limit Values -50 min. -60 32 - 37 -70 max. - max. min. - max. min.
Unit Note
CAS precharge to RAS Delay
tRHPC
27
ns
Hyper Page Mode (EDO) Read-modify-Write Cycle
Hyper page mode (EDO) readwrite cycle time CAS precharge to WE tPRWC tCPWD 58 41 - - 68 49 - - 77 56 - - ns ns
CAS-before-RAS Refresh Cycle
CAS setup time CAS hold time RAS to CAS precharge time Write to RAS precharge time tCSR tCHR tRPC tWRP 10 10 5 10 10 - - - - - 10 10 5 10 10 - - - - - 10 10 5 10 10 - - - - - ns ns ns ns ns
Write hold time referenced to RAS tWRH
CAS-before-RAS Counter Test Cycle
CAS precharge time tCPT 35 - 40 - 40 - ns
Self Refresh Cycle
RAS pulse width RAS precharge CAS hold time tRASS tRPS tCHS 100k - 95 -50 - - 100k - 110 -50 - - 100k - 130 -50 - - ns ns ns 17 17 17
Semiconductor Group
10
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
Notes:
1) All voltages are referenced to VSS. 2) ICC1, ICC3, ICC4 and ICC6 depend on cycle rate. 3) ICC1 and ICC4 depend on output loading. Specified values are measured with the output open. 4) Address can be changed once or less while RAS = VIL. In the case of ICC4 it can be changed once or less during a hyper page mode (EDO) cycle (tHPC). 5) An initial pause of 200 s is required after power-up followed by 8 RAS cycles of which at least one cycle has to be a refresh cycle, before proper device operation is achieved. In case of using internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required. 6) AC measurements assume tT = 2 ns. 7) VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also measured between VIH and VIL. 8) Measured with the specified current load and 100 pF at Vol = 0.8 V and Voh = 2.0 V. Access time is determined by the latter of tRAC, tCAC, tAA,tCPA, tOEA . tCAC is measured from tristate. 9) Operation within the tRCD (max.) limit ensures that tRAC (max.) can be met. tRCD (max.) is specified as a reference point only: If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC. 10)Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a reference point only: If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tAA. 11)Either tRCH or tRRH must be satisfied for a read cycle. 12)tOFF (max.) and tOEZ (max.) define the time at which the outputs achieve the open-circuit condition and are not referenced to output voltage levels. 13)Either tDZC or tDZO must be satisfied. 14)Either tCDD or tODD must be satisfied. 15)tWCS, tRWD, tCWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS > tWCS (min.), the cycle is an early write cycle and the I/O pin will remain open-circuit (high impedance) through the entire cycle; if tRWD > tRWD (min.), tCWD > tCWD (min.), tAWD > tAWD (min.) and tCPWD > tCPWD (min.) , the cycle is a read-write cycle and I/O pins will contain data read from the selected cells. If neither of the above sets of conditions is satisfied, the condition of the I/O pins (at access time) is indeterminate. 16)These parameters are referenced to the CAS leading edge in early write cycles and to the WE leading edge in read-write cycles. 17)When using Self Refresh mode, the following refresh operations must be performed to ensure proper DRAM operation: If row addresses are being refreshed on an evenly distributed manner over the refresh interval using CBR refresh cycles, then only one CBR cycle must be performed immediately after exit from Self Refresh. If row addresses are being refreshed in any other manner (ROR - Distributed/Burst; or CBR-Burst) over the refresh interval, then a full set of row refreshes must be performed immediately before entry to and immediately after exit from Self Refresh.
Semiconductor Group
11
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
Notes:
1) All voltages are referenced to VSS. 2) ICC1, ICC3, ICC4 and ICC6 depend on cycle rate. 3) ICC1 and ICC4 depend on output loading. Specified values are measured with the output open. 4) Address can be changed once or less while RAS = VIL. In the case of ICC4 it can be changed once or less during a hyper page mode (EDO) cycle (tHPC). 5) An initial pause of 200 s is required after power-up followed by 8 RAS cycles of which at least one cycle has to be a refresh cycle, before proper device operation is achieved. In case of using internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required. 6) AC measurements assume tT = 2 ns. 7) VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also measured between VIH and VIL. 8) Measured with the specified current load and 100 pF at Vol = 0.8 V and Voh = 2.0 V. Access time is determined by the latter of tRAC, tCAC, tAA,tCPA, tOEA . tCAC is measured from tristate. 9) Operation within the tRCD (max.) limit ensures that tRAC (max.) can be met. tRCD (max.) is specified as a reference point only: If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC. 10)Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a reference point only: If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tAA. 11)Either tRCH or tRRH must be satisfied for a read cycle. 12)tOFF (max.) and tOEZ (max.) define the time at which the outputs achieve the open-circuit condition and are not referenced to output voltage levels. 13)Either tDZC or tDZO must be satisfied. 14)Either tCDD or tODD must be satisfied. 15)tWCS, tRWD, tCWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS > tWCS (min.), the cycle is an early write cycle and the I/O pin will remain open-circuit (high impedance) through the entire cycle; if tRWD > tRWD (min.), tCWD > tCWD (min.), tAWD > tAWD (min.) and tCPWD > tCPWD (min.) , the cycle is a read-write cycle and I/O pins will contain data read from the selected cells. If neither of the above sets of conditions is satisfied, the condition of the I/O pins (at access time) is indeterminate. 16)These parameters are referenced to the CAS leading edge in early write cycles and to the WE leading edge in read-write cycles. 17)When using Self Refresh mode, the following refresh operations must be performed to ensure proper DRAM operation: If row addresses are being refreshed on an evenly distributed manner over the refresh interval using CBR refresh cycles, then only one CBR cycle must be performed immediately after exit from Self Refresh. If row addresses are being refreshed in any other manner (ROR - Distributed/Burst; or CBR-Burst) over the refresh interval, then a full set of row refreshes must be performed immediately before entry to and immediately after exit from Self Refresh.
Semiconductor Group
11
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC tRAS
RAS
V IH VIL
tRP
tCSH tRCD tRSH tCAS tRAL
tCRP
V IH
UCAS LCAS
VIL
tRAD tASR tASC tCAH
Column
tASR
Row
Address
V IH VIL
Row
tRCH tRAH tRCS tRRH tAA tOEA
V
WE
IH
VIL
OE
V IH VIL
tDZC tDZO tODD tCAC tCLZ
Hi Z
tCDD
I/O (Inputs)
V
IH
VIL
tOFF tOEZ
Valid Data Out Hi Z
I/O (Outputs) V
V OH OL
tRAC
"H" or "L"
WL1
Read Cycle
Semiconductor Group
12
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC tRAS
RAS
V IH VIL
tRP
tCSH tRCD tRSH tCAS tRAL
tCRP
V IH
UCAS LCAS
VIL
tRAD tASR tASC tCAH
Column
tASR
Row
Address
V IH VIL
Row
tRCH tRAH tRCS tRRH tAA tOEA
V
WE
IH
VIL
OE
V IH VIL
tDZC tDZO tODD tCAC tCLZ
Hi Z
tCDD
I/O (Inputs)
V
IH
VIL
tOFF tOEZ
Valid Data Out Hi Z
I/O (Outputs) V
V OH OL
tRAC
"H" or "L"
WL1
Read Cycle
Semiconductor Group
12
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC tRAS
V
tRP
RAS
IH
VIL
tCSH tRCD tRSH tCAS tRAL tCAH
Column
tCRP
V IH
UCAS LCAS
VIL
tRAD tASR tASC
tASR
Row
Address
V IH VIL
.
Row
tRAH
V
tWCS t WP
tCWL
WE
IH
VIL
tWCH tRWL
OE
V IH VIL
tDS
I/O (Inputs)
V IH VIL
tDH
Valid Data In
OH I/O (Outputs) V OL
V
Hi Z
"H" or "L"
WL2
Write Cycle (Early Write) Semiconductor Group 13
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC tRAS
V
tRP
RAS
IH
VIL
tCSH tRCD tRSH tCAS tRAL tCAH
Column
tCRP
V IH
UCAS LCAS
VIL
tRAD tASR tASC
tASR
Row
Address
V IH VIL
.
Row
tRAH
V
tWCS t WP
tCWL
WE
IH
VIL
tWCH tRWL
OE
V IH VIL
tDS
I/O (Inputs)
V IH VIL
tDH
Valid Data In
OH I/O (Outputs) V OL
V
Hi Z
"H" or "L"
WL2
Write Cycle (Early Write) Semiconductor Group 13
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC tRAS
V
tRP
RAS
IH
VIL
tCSH tRCD tRSH tCAS tRAL
tCRP
V
IH
UCAS LCAS
VIL
tRAD tASR tASC tCAH
Column
tASR
. Row
V
IH
Address V IL
Row
tRAH
V
WE
IH
tCWL tRWL tWP
VIL
tOEH
V
OE
IH
VIL
tDZO tDZC
I/O (Inputs)
V IH VIL
tODD tDS tOEZ tCLZ tOEA
tDH
Valid Data
OH I/O (Outputs) V OL
V
Hi-Z
Hi-Z
"H" or "L"
WL3
Write Cycle (OE Controlled Write) Semiconductor Group 14
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC tRAS
V
tRP
RAS
IH
VIL
tCSH tRCD tRSH tCAS tRAL
tCRP
V
IH
UCAS LCAS
VIL
tRAD tASR tASC tCAH
Column
tASR
. Row
V
IH
Address V IL
Row
tRAH
V
WE
IH
tCWL tRWL tWP
VIL
tOEH
V
OE
IH
VIL
tDZO tDZC
I/O (Inputs)
V IH VIL
tODD tDS tOEZ tCLZ tOEA
tDH
Valid Data
OH I/O (Outputs) V OL
V
Hi-Z
Hi-Z
"H" or "L"
WL3
Write Cycle (OE Controlled Write) Semiconductor Group 14
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRWC tRAS
V IH VIL V IH
tRP
RAS
tCSH tRCD tRSH tCAS tCRP
UCAS LCAS
VIL
tRAH tASR
V
tCAH tASC
Column
tASR
Row
Address
IH
VIL
Row
tRAD
V
tAWD tCWD tRWD
tCWL tRWL tWP
IH
WE
VIL
tAA tRCS
V IH
tOEA
tOEH
OE
VIL
tDZO tDZC
I/O (Inputs)
V IH VIL
tDS tDH
Valid Data in
tCLZ tCAC
tODD tOEZ
Data Out
I/O (Outputs) V OL
V OH
tRAC
"H" or "L"
WL4
Read-Write (Read-Modify-Write) Cycle Semiconductor Group 15
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRWC tRAS
V IH VIL V IH
tRP
RAS
tCSH tRCD tRSH tCAS tCRP
UCAS LCAS
VIL
tRAH tASR
V
tCAH tASC
Column
tASR
Row
Address
IH
VIL
Row
tRAD
V
tAWD tCWD tRWD
tCWL tRWL tWP
IH
WE
VIL
tAA tRCS
V IH
tOEA
tOEH
OE
VIL
tDZO tDZC
I/O (Inputs)
V IH VIL
tDS tDH
Valid Data in
tCLZ tCAC
tODD tOEZ
Data Out
I/O (Outputs) V OL
V OH
tRAC
"H" or "L"
WL4
Read-Write (Read-Modify-Write) Cycle Semiconductor Group 15
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRAS
V
tRP tRHCP tRSH tCRP
RAS
IH
tRCD
VIL
tHPC tCRP
V IH
tCAS
tCP
tCAS
tCAS
UCAS LCAS
VIL
tCSH tASR tRAH tASC
Row
tRAL tCAH tASC tCAH
Column 2
tASC tCAH
Column N
Address
V IH VIL Column 1
tRAD tRRH tRCH
tRCS
WE
VIH VIL
tOES
V
tCAC tAA tCPA
tCAC tAA tCPA
tOFF
OE
OH OL
tOEA tRAC tAA tCAC
V
tOEZ tCOH tCOH
Data Out 2 Data Out N
I/O IH (Output) V IL
V
tCLZ
Data Out 1
"H" or "L"
WL5
Hyper Page Mode (EDO) Read Cycle Semiconductor Group 16
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRAS
V
tRP tRHCP tRSH tCRP
RAS
IH
tRCD
VIL
tHPC tCRP
V IH
tCAS
tCP
tCAS
tCAS
UCAS LCAS
VIL
tCSH tASR tRAH tASC
Row
tRAL tCAH tASC tCAH
Column 2
tASC tCAH
Column N
Address
V IH VIL Column 1
tRAD tRRH tRCH
tRCS
WE
VIH VIL
tOES
V
tCAC tAA tCPA
tCAC tAA tCPA
tOFF
OE
OH OL
tOEA tRAC tAA tCAC
V
tOEZ tCOH tCOH
Data Out 2 Data Out N
I/O IH (Output) V IL
V
tCLZ
Data Out 1
"H" or "L"
WL5
Hyper Page Mode (EDO) Read Cycle Semiconductor Group 16
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRAS
V IH
tRP tRHCP tRSH tCRP
tRCD
RAS
VIL
tHPC tCRP
V IH
tCAS
tCP
tCAS
tCAS
UCAS LCAS
VIL
tCSH tASR tRAH tASC
Row Addr
tRAL tCAH tASC tCAH
Column 2
tASC tCAH
Column N
V
Address
IH
VIL
Column 1
tRAD tCWL tWCS
VIH VIL
tCWL tWCH tWP tWCS
tRWL tCWL tWCH tWP
tWCH tWCS tWP
WE
V
OE
OH OL
V
tDS
V IH
tDH
tDS
tDH
tDS
tDH
I/O (Input) V IL
Data In 1
Data In 2
Data In N
"H" or "L"
WL8
Hyper Page Mode (EDO) Early Write Cycle Semiconductor Group 17
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRAS
V IH
tRP tRHCP tRSH tCRP
tRCD
RAS
VIL
tHPC tCRP
V IH
tCAS
tCP
tCAS
tCAS
UCAS LCAS
VIL
tCSH tASR tRAH tASC
Row Addr
tRAL tCAH tASC tCAH
Column 2
tASC tCAH
Column N
V
Address
IH
VIL
Column 1
tRAD tCWL tWCS
VIH VIL
tCWL tWCH tWP tWCS
tRWL tCWL tWCH tWP
tWCH tWCS tWP
WE
V
OE
OH OL
V
tDS
V IH
tDH
tDS
tDH
tDS
tDH
I/O (Input) V IL
Data In 1
Data In 2
Data In N
"H" or "L"
WL8
Hyper Page Mode (EDO) Early Write Cycle Semiconductor Group 17
tRASP tRP tPRWC tCP tCAS tCAS tCAH tASC tASC
Column Row Column
V
RAS
IH
V IL
tCSH tRCD tCAS tRAL tCRP tRSH
Semiconductor Group
V
UCAS LCAS
IH
V IL
tRAD tCAH tASC
Column
tASR
tRAH
tCAH
tASR
V
Address
IH
V IL
Row
V
tRCS tAWD tOEA tOEA tWP tWP tOEA tAWD tAWD
tRWD tCWD tCWL tCWL
tCPWD tCWD
tCPWD tCWD
tRWL tCWL
WE
IH
Hyper Page Mode (EDO) Late Write and Read-Modify- Write Cycle
18
V IL
tAA
tWP
V
IH
OE
V IL
tCPA tDZC
Data In
tCPA tODD
Data In
V
IH
tDZC tCLZ tDZO tCLZ tCAC tRAC tOEZ tDH tDS
Data Out Data Out
tDZC tCLZ tOEH
tODD
Data In
I/O (Inputs) V IL
tODD tAA
tOEH tOEZ tDS tDH
tOEH tCAC tAA tDS
Data Out
tDH
OH I/O (Outputs) V
V
OL
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
WL17
tRASP tRP tPRWC tCP tCAS tCAS tCAH tASC tASC
Column Row Column
V
RAS
IH
V IL
tCSH tRCD tCAS tRAL tCRP tRSH
Semiconductor Group
V
UCAS LCAS
IH
V IL
tRAD tCAH tASC
Column
tASR
tRAH
tCAH
tASR
V
Address
IH
V IL
Row
V
tRCS tAWD tOEA tOEA tWP tWP tOEA tAWD tAWD
tRWD tCWD tCWL tCWL
tCPWD tCWD
tCPWD tCWD
tRWL tCWL
WE
IH
Hyper Page Mode (EDO) Late Write and Read-Modify- Write Cycle
18
V IL
tAA
tWP
V
IH
OE
V IL
tCPA tDZC
Data In
tCPA tODD
Data In
V
IH
tDZC tCLZ tDZO tCLZ tCAC tRAC tOEZ tDH tDS
Data Out Data Out
tDZC tCLZ tOEH
tODD
Data In
I/O (Inputs) V IL
tODD tAA
tOEH tOEZ tDS tDH
tOEH tCAC tAA tDS
Data Out
tDH
OH I/O (Outputs) V
V
OL
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
WL17
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC tRAS
RAS
V IH VIL
tRP
tCRP tRPC
CAS
V IH VIL
tRAH tASR
tASR
Row
V
Address
IH
VIL
Row
OH I/O (Outputs) V OL
V
HI-Z
"H" or "L"
WL9
RAS-Only Refresh Cycle
Semiconductor Group
19
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC tRAS
RAS
V IH VIL
tRP
tCRP tRPC
CAS
V IH VIL
tRAH tASR
tASR
Row
V
Address
IH
VIL
Row
OH I/O (Outputs) V OL
V
HI-Z
"H" or "L"
WL9
RAS-Only Refresh Cycle
Semiconductor Group
19
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC tRP
V
tRAS
tRP
RAS
IH
VIL
tRPC tCP
tCSR tCHR tRPC
tCRP
UCAS LCAS
V IH VIL
tWRP tWRH
V IH
WE
VIL
tOEZ
V
OE
IH
VIL
tCDD
I/O (Inputs)
V IH
VIL
tODD
OH I/O (Outputs)VOL V
HI-Z
tOFF
"H" or "L"
WL10
CAS-Before-RAS Refresh Cycle Semiconductor Group 20
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC tRP
V
tRAS
tRP
RAS
IH
VIL
tRPC tCP
tCSR tCHR tRPC
tCRP
UCAS LCAS
V IH VIL
tWRP tWRH
V IH
WE
VIL
tOEZ
V
OE
IH
VIL
tCDD
I/O (Inputs)
V IH
VIL
tODD
OH I/O (Outputs)VOL V
HI-Z
tOFF
"H" or "L"
WL10
CAS-Before-RAS Refresh Cycle Semiconductor Group 20
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC
V
tRC tRP tRAS tRP
tRAS
IH
RAS
VIL
tRCD
V
tRSH tCHR tCRP
UCAS LCAS
IH
VIL
tRAD tASC tASR tRAH
Row
tWRP tCAH tWRH tASR
Row
V
Address
IH
VIL
Column
tRCS
V
tRRH
WE
IH
VIL
tAA tOEA
V
OE
IH
VIL
tDZC tDZO
tCDD tODD tCAC tCLZ
V
I/O (Inputs)
IH
VIL
tOFF tOEZ
Valid Data Out HI-Z
tRAC
OH I/O (Outputs) V OL V
"H" or "L"
WL11
Hidden Refresh Cycle (Read) Semiconductor Group 21
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC
V
tRC tRP tRAS tRP
tRAS
IH
RAS
VIL
tRCD
V
tRSH tCHR tCRP
UCAS LCAS
IH
VIL
tRAD tASC tASR tRAH
Row
tWRP tCAH tWRH tASR
Row
V
Address
IH
VIL
Column
tRCS
V
tRRH
WE
IH
VIL
tAA tOEA
V
OE
IH
VIL
tDZC tDZO
tCDD tODD tCAC tCLZ
V
I/O (Inputs)
IH
VIL
tOFF tOEZ
Valid Data Out HI-Z
tRAC
OH I/O (Outputs) V OL V
"H" or "L"
WL11
Hidden Refresh Cycle (Read) Semiconductor Group 21
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC tRP
V IH
tRC tRP tRAS
tRAS
RAS
VIL
tRCD
V IH
tRSH
tCHR
tCRP
UCAS LCAS
VIL
tRAD tRAH tASR tASC tCAH
Column
tASR
Row
V
Address
IH
VIL
Row
tWCS
tWCH tWP
tWRP
tWRH
V
WE
IH
VIL
tDS
V
tDH
Valid Data
I/O (Input)
IH
V IL
OH I/O (Output) V OL
V
HI-Z
"H" or "L"
WL12
Hidden Refresh Cycle (Early Write) Semiconductor Group 22
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRC tRP
V IH
tRC tRP tRAS
tRAS
RAS
VIL
tRCD
V IH
tRSH
tCHR
tCRP
UCAS LCAS
VIL
tRAD tRAH tASR tASC tCAH
Column
tASR
Row
V
Address
IH
VIL
Row
tWCS
tWCH tWP
tWRP
tWRH
V
WE
IH
VIL
tDS
V
tDH
Valid Data
I/O (Input)
IH
V IL
OH I/O (Output) V OL
V
HI-Z
"H" or "L"
WL12
Hidden Refresh Cycle (Early Write) Semiconductor Group 22
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRP
RAS
V IH VIL
tRASS
tRPS
tRPC tCSR
V
tCHS
tCRP
tCP
IH
CAS
VIL
tWRP tWRH
V
WE
IH
VIL
OE
V IH VIL
tCDD
I/O (Inputs)
V IH
VIL
tODD tOEZ
OH I/O (Outputs) V OL
V
HI-Z
tOFF
"H" or "L"
WL13
CAS before RAS Self Refresh Cycle
Semiconductor Group
23
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRP
RAS
V IH VIL
tRASS
tRPS
tRPC tCSR
V
tCHS
tCRP
tCP
IH
CAS
VIL
tWRP tWRH
V
WE
IH
VIL
OE
V IH VIL
tCDD
I/O (Inputs)
V IH
VIL
tODD tOEZ
OH I/O (Outputs) V OL
V
HI-Z
tOFF
"H" or "L"
WL13
CAS before RAS Self Refresh Cycle
Semiconductor Group
23
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRAS
Read Cycle:
RAS
V IH V IL
tRP
tCSR
CAS
V IH V IL
tCHR
tCP
tRSH tCAS tRAL
tASC
Address
V IH V IL
tCAH tAA tCAC
tASR
Row
Column
tWRP
WE
V IH V IL V IH V IL V IH V IL VOH VOL
tRRH tOEA tCDD tOFF tOEZ
Data Out
tRCH
tWRH
tRCS tDZC tDZO tCLZ
OE I/O (Inputs)
tODD
I/O (Outputs)
tWRP
Write Cycle:
WE
V IH V IL
tWCS
tRWL tCWL tWCH
tWRH
OE
V IH V IL
tDS
I/O (Inputs) I/O (Outputs)
V IH V IL V IH V IL
tDH
Data In
HI-Z
CAS-Before-RAS Refresh Counter Test Cycle Semiconductor Group 24
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
tRAS
Read Cycle:
RAS
V IH V IL
tRP
tCSR
CAS
V IH V IL
tCHR
tCP
tRSH tCAS tRAL
tASC
Address
V IH V IL
tCAH tAA tCAC
tASR
Row
Column
tWRP
WE
V IH V IL V IH V IL V IH V IL VOH VOL
tRRH tOEA tCDD tOFF tOEZ
Data Out
tRCH
tWRH
tRCS tDZC tDZO tCLZ
OE I/O (Inputs)
tODD
I/O (Outputs)
tWRP
Write Cycle:
WE
V IH V IL
tWCS
tRWL tCWL tWCH
tWRH
OE
V IH V IL
tDS
I/O (Inputs) I/O (Outputs)
V IH V IL V IH V IL
tDH
Data In
HI-Z
CAS-Before-RAS Refresh Counter Test Cycle Semiconductor Group 24
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
Semiconductor Group
25
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
Semiconductor Group
25
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
Package Outlines
Plastic Package P-SOJ-42 (400 mil) (Small Outline J-lead, SMD)
1)
10.3
-0.3
B
1.27 0.43
0.81 max. 9.4 0.18 A 42x 0.08 11.2
+ 0.1 -
+ - 0.25
+ 0.15 -
0.18
B
25.4
42
22
GPJ05853
1
1)
21
27.43
-0.25
A
Index marking
1) does not include plastic or metal protusion of 0.15 max per side
Semiconductor Group
26
HYB3116(8)165BSJ/BST(L)-50/-60/-70 3.3V 1M x 16 EDO-DRAM
Package Outlines
Plastic Package P-SOJ-42 (400 mil) (Small Outline J-lead, SMD)
1)
10.3
-0.3
B
1.27 0.43
0.81 max. 9.4 0.18 A 42x 0.08 11.2
+ 0.1 -
+ - 0.25
+ 0.15 -
0.18
B
25.4
42
22
GPJ05853
1
1)
21
27.43
-0.25
A
Index marking
1) does not include plastic or metal protusion of 0.15 max per side
Plastic Package P-TSOPII-50/44 (400 mil) (Thin Small Outline, SMD, 0.8 mm lead pitch)
Semiconductor Group
26


▲Up To Search▲   

 
Price & Availability of HYB3116165BSTL-70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X